PART |
Description |
Maker |
ICL7135C_D ICL7135CJI ICL7135CPI ICL7135CQI ICL713 |
4Digit A/D Converter with Multiplexed BCD Outputs 1-CH 4-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP28 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 4? Digit A/D Converter with Multiplexed BCD Outputs 4 Digit A/D Converter with Multiplexed BCD Outputs 4 1/2 Digit A/D Converter with Multiplexed BCD Outputs From old datasheet system 4? Digit A/D Converter with Multiplexed BCD Outputs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
BH2223FV |
Video LSIs > For DVC > Tuning D/A converter 8bit 10ch D/A converter
|
ROHM[Rohm]
|
ZXSC400 ZXSC400E6TA |
LED DRIVER BOOST CONVERTER Multi Cell DC-DC Converter Controller
|
Diodes Incorporated Zetex Semiconductors
|
LC-128B LC128B |
DC-DC CONVERTER??IN??/td>
| - DC-DC CONVERTER〈PIN〉
|
SUMIDA[Sumida Corporation]
|
5962-8866905XX 5962-8866905ZX 5962-8866901XX 5962- |
12-Bit A/D Converter with 3-State Binary Outputs 3 1/2 Digit A/D Converter x9 Asynchronous FIFO X9热卖异步FIFO
|
Avago Technologies, Ltd.
|
UPC2721 UPC2721GR-E1 UPC2721GR-E2 UPC2721GV-E1 UPC |
RF/MICROWAVE DOWN CONVERTER, 7 dBm OUTPUT POWER-MAX GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
|
NEC Corp. NEC[NEC]
|
TEN20-4812WI TEN20-4823WI TEN20-2411WI TEN20-2412W |
DC/DC Converter TEN 20WI Series 20 Watt(62.46 k) DC/DC Converter 直流/直流转换
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
HI3286 |
A/D Converter, 8-Bit, 160MSPS, Input Bandwidth 250MHz, Flash, with PS Power Saving Pin 8Bits 160MSPS, Flash A/D Converter(8浣??60MSPS ???A/D杞???? 8Bits 160MSPS, Flash A/D Converter(8位60MSPS 闪存A/D转换
|
Intersil Corporation
|
TSI-10 TSI-5.0S2R0FM TSI-5.0S2R0M TSI-5.0S2R0SM TS |
DC/DC Converter (TSI-10 Series 10 Watt) DC/DC Converter 直流/直流转换
|
TRACO ELECTRONIC AG.
|
3570 LT3570 LT3570EFE-PBF LT3570EFE-TRPBF LT3570EU |
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
|
Linear Technology
|
AD636J AD636JD AD636JH AD636 AD636K AD636KD AD636K |
DIODE SCHOTTKY SINGLE 50V 333mW 0.41V-vf 15mA-IFM 1mA-IF 0.2uA-IR SOD-123 3K/REEL RMS TO DC CONVERTER, 0.1 MHz, CDIP14 Low Level/ True RMS-to-DC Converter Low Level, True RMS-to-DC Converter
|
Analog Devices, Inc. AD[Analog Devices] http://
|